Part Number Hot Search : 
MPF480 MOGB51W SZN4481 53254 TZM5245B ADB2508P T2510N TFS116
Product Description
Full Text Search
 

To Download KPBL-3025SRSGC-PRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaa6764 rev no: v.11 date: apr/23/2010 page: 1 of 6 approved: wynec checked: allen liu drawn: xulina erp: 1203000918 3.0x2.5mm surface mount led lamp part number: KPBL-3025SRSGC-PRV super bright red super bright green features z 3.0mmx2.5mm smt led, 1.4mm thickness. z low power consumption. z wide viewing angle. z ideal for back light and indicator. z various colors and lens types available. z inner lens type. z moisture sensitivity level : level 3. z package : 2000pcs / reel. z rohs compliant. description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. the super bright green source color devices are made with gallium phosphide green light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.2(0.008") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications.
spec no: dsaa6764 rev no: v.11 date: apr/23/2010 page: 2 of 6 approved: wynec checked: allen liu drawn: xulina erp: 1203000918 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. note: 1. 1/10 duty cycle, 0.1ms pulse width. part no. dice lens type iv (mcd) [2] @ 20ma v iewing angle [1] min. typ. 2 1/2 KPBL-3025SRSGC-PRV super bright red (gaalas) water clear 36 100 super bright green (gap) 7 20 100 symbol parameter device typ. max. units test conditions peak peak wavelength super bright red super bright green 660 565 nm i f =20ma d [1] dominant wavelength super bright red super bright green 640 568 nm i f =20ma ? 1/2 spectral line half-width super bright red super bright green 20 30 nm i f =20ma c capacitance super bright red super bright green 45 15 pf v f =0v;f=1mhz v f [2] forward voltage super bright red super bright green 1.85 2.2 2.5 2.5 v i f =20ma i r reverse current super bright red super bright green 10 10 ua v r = 5v parameter super bright red super bright green units power dissipation 75 62.5 mw dc forward current 30 25 ma peak forward current [1] 155 140 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c
spec no: dsaa6764 rev no: v.11 date: apr/23/2010 page: 3 of 6 approved: wynec checked: allen liu drawn: xulina erp: 1203000918 KPBL-3025SRSGC-PRV super bright red
spec no: dsaa6764 rev no: v.11 date: apr/23/2010 page: 4 of 6 approved: wynec checked: allen liu drawn: xulina erp: 1203000918 super bright green
spec no: dsaa6764 rev no: v.11 date: apr/23/2010 page: 5 of 6 approved: wynec checked: allen liu drawn: xulina erp: 1203000918 KPBL-3025SRSGC-PRV reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsaa6764 rev no: v.11 date: apr/23/2010 page: 6 of 6 approved: wynec checked: allen liu drawn: xulina erp: 1203000918 packing & label specifications KPBL-3025SRSGC-PRV


▲Up To Search▲   

 
Price & Availability of KPBL-3025SRSGC-PRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X